Part Number Hot Search : 
2SA111 TP250 MIW4124 4435B F800B 2N3956 1N6148US 26174
Product Description
Full Text Search
 

To Download BTRS-7780C-1590G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
FEATURES
l l l l l l l l l l l l
BTRS-7780C-1590G
1
***********************************************************************************************************************************************************************
BTRS-7780C-1590G / BTRL-7780C-1590G 1590 nm TX / 1510 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
**********************************************************************************************************************************************************************
DESCRIPTION
Single Fiber Bi-Directional Transceiver 1590 nm DFB LD Transmitter 1510 nm Receiver 24 dB Power Budget at Least Distance Up to 80 km 0 to 70oC Operating Speed up to 1300 Mbps LVTTL Signal Detect Output Single +3.3 V Power Supply PECL Differential Inputs and Outputs Wave Solderable and Aqueous Washable Class 1 Laser International Safety Standard IEC 60825 Compliant
The BTRS-7780C-1590G series is high performance module for single fiber communications by using 1590 nm transmitter and 1510 nm receiver. The transmitter section uses a multiple quantum well 1590 nm DFB laser and is a class 1 laser compliant according to International Safety Standard IEC 60825. The receiver section uses an integrated 1510 nm detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. A PECL logic interface simplifies interface to external circuitry. Signal Detect with LC-TTL is used.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It complies with IEC 60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
APPLICATIONS
l WDM Gigabit Ethernet Links l SONET/SDH Equipment Interconnect l Fiber Channel Links
ORDER INFORMATION
P/No. Bit Rate Distance (Gb/s) (km) 1.25 80 TX (nm) 1590 DFB RX (nm) 1510 Voltage (V) 3.3 Package Temp (oC) 0 to 70 TX Power (dBm) 3 to -2 RX Sens. RoHS (dBm) Compliant -26 Yes
BTRS-7780C-1590G
SC, 2X5
Note: 1. BTRS-XXXXX is SFF SC receptacle type package. 2. BTRS-XXXXX-APBBB is SFF pigtail type package with different connector, A=S is SC connector, A=F is FC connector, A=T is ST connector, A=L is LC connector, A=M is MU connector; BBB is the length of fiber in cm. Absolute Maximum Ratings
Parameter Storage Temperature Operating Temperature Soldering Temperature Power Supply Voltage Input Voltage Output Current Symbol Tstg Topr --Vcc --Iout Min -40 0 0 GND 0 Max 85 70 260 4.5 Vcc 30 Units o C o C o C V V mA Notes Air flow 1m/sec 10 seconds on leads only
Recommended Operating Conditions
Parameter Power Supply Voltage Operating Temperature Data Rate Power Supply Current Symbol Vcc Topr Icc Min 3.13 0 Typ 3.3 1250 Max 3.47 70 1300 280 Units / Notes V o C / air flow 1m/sec Mb/s mA
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2005 V2.0
Optoway
Transmitter Specifications (0 oC < Topr < 70 oC, 3.13V < Vcc < 3.47V)
Parameter Optical Optical Transmit Power Output Center Wavelength Output Spectrum Width Side Mode Suppression Ratio Extinction Ratio Output Eye Optical Rise Time Optical Fall Time Relative Intensity Noise Total Jitter Electrical Data Input Current - Low Data Input Current - High Differential Input Voltage Data Input Voltage - Low Data Input Voltage -- High Disable Input Voltage -- Low Disable Input Voltage -- High Shut Off Time for TxDis Symbol Min Typ Max 3 1620 1 Units dBm nm nm dB dB ns ns dB/Hz ns A A mV V V V V ms Po -2 1580 SMSR 30 ER 9 Compliant with IEEE 802.3z tr tf RIN TJ IIL IIH V IH - VIL V IL - V CC VIH - V CC VTDIS,L VTDIS,H tDIS -350 300 -2.0 -1.1 0 Vcc - 1.3 350 1600 -1.58 -0.74 0.8 Vcc 1
BTRS-7780C-1590G
Notes 1 -20 dB Width
2
***********************************************************************************************************************************************************************
0.26 0.26 -120 0.227
20% to 80% Values 20% to 80% Values 2
3 3 TX Output Enabled TX Ouput Disabled
Notes: 1. Output power is power coupled into a 9/125 m single mode fiber. 2. Measured with a 27-1 PRBS. 3. These inputs are compatible with 10K, 10KH and 100K ECL and LVPECL inputs.
Receiver Specifications (0oC < Topr < 70oC, 3.13 V < Vcc < 3.47V)
Parameter Optical Sensitivity Maximum Input Power Signal Detect -- Asserted Signal Detect -- Deasserted Signal detect -- Hysteresis Wavelength of Operation Optical Return Loss Electrical Data Output Voltage Swing SD Output Voltage -- Low SD Output Voltage -- High Signal Detect Assert Time Signal Detect Deassert Time Symbol --Pin Pa Pd Min ---3 ---40 1.0 1480 20 0.575 0 2.0 Typ ----------Max -26 ---26 --1520 Units dBm dBm dBm dBm dB nm dB V V V s s Notes 1 Transition: low to high Transition: high to low 2
ORL V OH - VOL VOL VOH ASMAX ANSMAX
0.930 0.8 Vcc+0.3 100 300
OFF to ON ON to OFF
Notes: 1. Minimum sensitivity and saturation levels at BER 1E-12 for a 27-1 PRBS. 2. At least 30 dB optical isolation for the wavelength 1580 to 1620 nm.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2005 V2.0
Optoway
CONNECTION DIAGRAM
BTRS-7780C-1590G
3
***********************************************************************************************************************************************************************
PIN 1 2 3 4 5 6 7 8 9 10 MS
Symbol VEEr VCC r SD RD- RD+ VCC t VEEt TxDis TD+ TDMS
Notes Directly connect this pin to the receiver ground plane +3.3V dc power for the receiver section Active high on this indicates a received optical signal. Receiver Dataout Bar. See recommended circuit schematic Receiver Dataout. See recommended circuit schematic +3.3V dc power for the transmitter section Directly connect this plan to the transmitter ground plane Transmitter Disable. Connect this pin to +3.3V TTL logic "1" to disable module To enable module connect to TTL logic low "0" Transmitter Data In. See recommended circuit schematic Transmitter Data In Bar. See recommended circuit schematic Mounting Studs. Connect to Chassis Ground
RECOMMENDED CIRCUIT SCHEMATIC
depend on customer's PHY terminate and bias inside Transceiver module
TDZ=50R
LVPECL
Vcc3.3V
TD+
Z=5OR
130R 10 9 8 7 6
TXDis(LVTTL)
130R
1uH
Vcc3.3V
TDTD+ TDis Veet Vcct
10nF
10uF 1uH
10nF
10uF
PHY DEVICE
BTRS-7XXXC 1 2 3 4 5 10nF 10uF Vcc3.3V
Veer Vccr SD RDRD+
RD+
100R Z=50R
LVPECL
RDZ=5OR
depend on customer's PHY
SD
TO LVTTL STAGE
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2005 V2.0
Optoway
PACKAGE DIAGRAM
Units in mm 1) SC Receptacle
BTRS-7780C-1590G
4
***********************************************************************************************************************************************************************
A) Standard Case
BTRS-7780C-1590G B) Extended Case
BTRS-7780CE-1590G
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2005 V2.0
Optoway
2) Pigtail
BTRS-7780C-1590G
5
***********************************************************************************************************************************************************************
BTRS-7780C-1590-SP50G
Note: Length L is 50 3 cm. Other pigtail's length is available upon request. Note: Specifications subject to change without notice.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2005 V2.0


▲Up To Search▲   

 
Price & Availability of BTRS-7780C-1590G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X